PART |
Description |
Maker |
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
IR3623MPBF1 IR3623MTRPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
International Rectifier
|
CD40192BC CD40192BCN CD40193BCM CD40193BCN CD40192 |
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter Synchronous Up/Down Counter 同步减计数器 Automotive Catalog Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 125 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
A63L7332 A63L7332E-42 A63L7332E-45 A63L7332E-5 A63 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 4.2ns 128K x 32bit synchronous high speed SRAM 4.5ns 128K x 32bit synchronous high speed SRAM
|
AMIC Technology Corporation
|
74ABT541CMTC 74ABT541CMTCX 74ABT541CMSAX 74ABT541C |
Synchronous 4-Bit Binary Counter 16-SSOP 0 to 70 Octal Buffer/Line Driver with 3-STATE Outputs Synchronous 4-Bit Binary Counter 16-SOIC 0 to 70 ABT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDIP20
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FAN48615 FAN48615UC08X FAN48615UC11X |
Fixed-Output Synchronous TinyBoost Regulator
|
ON Semiconductor
|
LTC3122-15 |
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
|
Linear Technology
|
LTC3542-1 LTC3542EDC-1-PBF LTC3542EDC-1-TRPBF |
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
MP3415 MP3415GG |
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
|
Monolithic Power System...
|